PART |
Description |
Maker |
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
CRIMPFOX-16-S |
Crimping pliers for ferrules up to 16 mm2
|
PHOENIX CONTACT
|
CRIMPFOX-6T |
Comprehensive range of crimping pliers
|
PHOENIX CONTACT
|
CRIMPFOX-4-ED-6 |
Crimping pliers, for CK 4.0... contacts, for conductor cross sections 1.5 - 2.5 mm2
|
PHOENIX CONTACT
|
1PK-3001 1PK-102 1PK-103 1PK-104 1PK-105 |
"PLIERS LONG NOSE 6"" 150MM PLIERS ROUND NOSE 140MM PLIERS FLAT NOSE 145MM PLIERS BENT NOSE 150MM WIRE STRIPPER 20-30 AWG 剥线0-30特设工作
|
Ecliptek, Corp.
|
91911-3 |
crimping chamber crimps the center contact onto the center conductor of the coaxial cable.
|
TE Connectivity Ltd
|
OL5492N-3 OL592N_3_597N_3 OL597N-3 OL5497N-3 OL592 |
1.55 レm 3 mW Coaxial Module 1.55レ米3兆瓦同轴单元 1.55 m 3 mW Coaxial Module 1.55 um 3 mW Coaxial Module From old datasheet system 1.55 μm 3 mW Coaxial Module
|
OKI electronic components OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets]
|
382-0214 |
Pliers
|
List of Unclassifed Manufacturers
|
26706 26712 26703 26709 26715 |
Combination pliers Basic
|
List of Unclassifed Manufacturers
|
MBRS1100T3 SK18 10BQ100 10MQ100N HSM1100J HSM190J |
Brilliance Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material 1 Amp Schottky Rectifier
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
69151-1 47907-1 48518-2 169485 47386-5 |
Hand Crimping Tools
|
Tyco Electronics
|
46133 46134 46135 46136 46137 46138 |
SOLISTRAND Crimping Dies
|
TE Connectivity Ltd
|